PART |
Description |
Maker |
BFX37 |
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package 50 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA
|
TT electronics Semelab, Ltd.
|
2N2696 |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA Bipolar PNP Device in a Hermetically sealed TO18 Metal
|
SEMELAB LTD Seme LAB
|
BDX94 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
|
Seme LAB
|
BCY31A BCY31A.MOD |
100 mA, 64 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AA BIPOLAR PNP DEVICE IN A HERMETICALLY SEALED TO5 METAL PACKAGE.(64V, 0.1A)
|
SEMELAB LTD Seme LAB
|
BUY92SMD |
Bipolar PNP Device in a
|
Seme LAB
|
SF2N6246 |
Bipolar PNP Device
|
SEME-LAB[Seme LAB]
|
SFMJ4646 |
Bipolar PNP Device
|
Seme LAB
|
SF_BDX66 2N6246 SF_2N6246 BDX66 |
Bipolar PNP Device
|
SemeLAB SEME-LAB[Seme LAB]
|
2N3867SMD05 |
Bipolar PNP Device in a Hermetically sealed
|
Seme LAB
|
2N4901SMD |
Bipolar PNP Device in a Hermetically sealed
|
Seme LAB
|
2N5153SMD |
Bipolar PNP Device in a Hermetically sealed
|
Seme LAB
|
|